PART |
Description |
Maker |
SSM2220PZ SSM2220S-REEL SSM2220SZ SSM2220SZ-REEL |
Audio Dual Matched PNP Transistor
|
Analog Devices
|
MAT03 MAT03FH |
Low Noise / Matched Dual PNP Transistor Low Noise, Matched Dual PNP Transistor 20 mA, 36 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Analog Devices, Inc.
|
MAT03AH/883C |
Low Noise, Matched Dual PNP Transistor
|
Analog Devices
|
CMLT5087EM-15 |
SURFACE MOUNT SILICON DUAL, MATCHED PNP TRANSISTOR
|
Central Semiconductor C...
|
NSV40300MDR2G |
Dual Matched 40 V, 6.0 A, Low VCE(sat) PNP Transistor
|
ON Semiconductor
|
LT1002A LT1002ACNPBF |
Dual, Matched Precision Operational Amplifier; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C DUAL OP-AMP, 100 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP14 Dual, Matched Precision Op Amp
|
Linear Technology, Corp.
|
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP
|
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
BCM857DS |
PNP/PNP matched double transistors
|
NXP Semiconductors
|
BCM856BS BCM856BS_DG BCM856DS BCM856DS_DG BCM856BS |
PNP/PNP matched double transistors PNP-PNP matched double transistors PNP/PNP matched double transistors
|
NXP Semiconductors N.V.
|
PMP5501G |
PNP Matched Double Transistor
|
Philips Semiconductors
|
DMMT3906W-7-F DMMT3906W-1 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
http:// Diodes Incorporated
|